Part Number Hot Search : 
ZJ24B GM5401 CY7C102 65012 NTRPB 12000 NTRPB DL4742
Product Description
Full Text Search
 

To Download LY791 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPECIFICATIONS
MODEL PART NO. Infrared LAMP LED LI520C
[Contents] 1. 2. 3. 4. 5. 6. 7. 8. 9. 10. 11. Devices -----------------------------------------------Outline Dimensions --------------------------------Absolute Maximum Ratings ----------------------Electro-Optical Characteristics -------------------Reliability Tests -------------------------------------Characteristic Diagrams ---------------------------Bin Code Description ------------------------------Packing -----------------------------------------------Soldering Profile ------------------------------------Reference --------------------------------------------Precaution For Use ---------------------------------1 1 2 3 4 5 6 7 10 11 12
Rev : 0.0
1. Devices
Lens Color Diffusion Source Dice Source Color Infrared
Part Number LI520C
Blue -Risen
Non-Diffused
GaAlAs/GaAs
2. Outline Dimensions
1.0
0.50.05
CATHODE
DETAIL
-0.1 0.5 +0.2
1.80.2 MAX1.0
4.980.2
Notes : 1. All dimensions are in millimeters. 2. Protruded epoxy is 1.0mm maximum.
2.50.05
2.50.2 28.0MIN
1.00.2 8.720.2
5.000.2 5.900.2
1
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL : 82-2-3281-6269 FAX : 82-2-857-5430
3. Absolute Maximum Ratings (at Ta = 25C)
Item
Symbol
Value
Unit
DC Forward Current Forward Peak Pulse Current Reverse Voltage Power Dissipation Operating Temperature Storage Temperature Solder Temperature
Notes :*1. t 0.01ms, D = 1/100 *2. 3mm bellow seating plane
IF IFM*1 VR PD Topr Tstg TS
100 1000 5 150 -20 ~ +80 -30 ~ +100 260 C for 5 second*2
mA mA V mW C C C
2
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL : 82-2-3281-6269 FAX : 82-2-857-5430
4. Electro-Optical Characteristics (at IF = 100mA, Ta = 25C) Value Item Symbol Min. Radiant Intensity Peak Wavelength Spectrum Radiation Bandwidth Forward Voltage View Angle Reverse Current (at VR = 5V)
Note : 1. Radiant Intensity Tolerance 10%
Unit Typ. 65 940 50 1.2 24 10 Max. 130 1.55 mW/sr nm nm V deg.
A
Ie p
30 -
VF 21/2 IR
3
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL : 82-2-3281-6269 FAX : 82-2-857-5430
5. RELIABLITY TESTS Item
Life Test High Temperature Operating Low Temperature Operating Thermal Shock Temperature Cycle Resistance to soldering Heat ESD (Human Body Model) High Temperature Storage Low Temperature Storage Temperature Humidity Storage Temperature Humidity Operating
Condition
Ta = RT, IF = 100mA
Note
1000 hrs 1000 hrs 1000 hrs 100 cycles 100 cycles 1 time 1 time 1000 hrs 1000 hrs 1000hrs 100hrs
Failures
0/22 0/22 0/22 0/22 0/22 0/22 0/22 0/22 0/22 0/22 0/22
Ta = 85C, IF = 25mA Ta = -40C, IF = 100mA Ta = -30C ~ +100 (Transfer time : 5sec , 1 Cycle =1hr) Ta = -20C ~ +80C (Transfer time : 5min , 1 Cycle =1hr) Ts = 260 5C, t = 10 1 sec 1 kV, 1.5 k ; 100 pF Ta = 100C Ta = -30C Ta = +85C,RH=85% Ta = +85C,RH=85% IF = 25mA
< Judging Criteria For Reliability Tests >
VF IR IV
Notes : 1.USL : Upper Standard Level
USL 1 X 1.2 USL X 2.0 LSL 2 X 0.5
2.LSL : Lower Standard Level.
4
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL : 82-2-3281-6269 FAX : 82-2-857-5430
6. Characteristic Diagrams
Irel = f ( ), Ta= 25C
1.0
IF = f (VF), Ta= 25C
100
0.8
Relative Luminous Intensity
Forward Current IF [mA]
-60 -30 0 30 60 90
0.6
10
0.4
1
0.2
0.0 -90
Off Axis Angle [deg.]
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
Forward Voltage VF [V]
Off Axis Angle vs. Relative Radiant Intensity
Forward Voltage vs. Forward Current
IV = f (IF), Ta= 25C
120 100
120
IF = f (Ta), Ta= 25C
100
Radiant Intensity [mW/sr]
Forward Current IF [mA]
20 40 60 80 100 120
80
80
60
60
40
40
20
20
0
0 -20
0
20
40
60
o
80
100
Forward Current IF [mA]
Ambient Temperature Ta [ C]
Forward Current vs. Radiant Intensity
Ambient Temperature vs. Forward Current
5
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL : 82-2-3281-6269 FAX : 82-2-857-5430
7. Bin Code Description
** Radiant Intensity
BIN CODE Peak Wavelength Forward Voltage
Radiant Intensity (Ie) @ IF = 100mA BIN CODE A B C D Min. 30 55 65 70 Max. 55 65 70 130
Dominant Wavelength (nm) @ IF = 100mA 1 940
Forward Voltage (V) @ IF = 100mA BIN CODE 1 Min. 1.2 Max. 1.55
** Note : Binning range can be changed by customer's requirement.
6
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL : 82-2-3281-6269 FAX : 82-2-857-5430
8. PACKING 1) Bulk Packing
(1) Antistatic poly vinyl bag apply Poly bag: 5 Lamp Series : 500pcs 3 Lamp Series : 500pcs
(2) Inner box structure Box : 2 poly bags
70mm
P/O No. Lot No SEOUL SEMICONDUCTOR CO.,LTD TEL : (02) 3281-6269
170mm
260mm
(3) Outer box structure Box : 27 boxes
315.0mm 485.0mm
7
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL : 82-2-3281-6269 FAX : 82-2-857-5430
97.0mm
2) Tapping Outline Dimensions
P 01.3 02.0
F W1 W2 Wo Po Do
Ho
Package Dimensions (unit : mm) Ho* W Wo W1 W2 18.0 +1.0 -0.5 13.00.3 1.00.5 9.00.5 1 Box contain quantity. 3 Lamp Series : 3000pcs * 5 Lamp Series : 2000pcs P Po F Do 12.70.5 12.70.3 2.540.5 4.00.5
* Remark : Ho - users define.
8
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL : 82-2-3281-6269 FAX : 82-2-857-5430
W
3) Forming Outline Dimensions
P
H1
F Ho
H
W1 W2 Wo
Po
Do
Package Dimensions (unit : mm) H* Ho * H1 * W Wo W1 18.0 +1.0 -0.5 13.00.3 1.00.5 W2 P Po F Do 9.00.5 12.70.5 12.70.3 5.00.5 4.00.5 1 Box contain quantity. 3 Lamp Series : 2000pcs * 5 Lamp Series : 1500pcs
* Remark : H / Ho / H1- users define.
9
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL : 82-2-3281-6269 FAX : 82-2-857-5430
W
9. SOLDERING PROFILE 1) Wave Soldering Conditions / Profile * Preliminary heating to be at 85C(120 C max) for 20 seconds(60 seconds max). * Soldering heat to be at 235 C (260C max) for 5 seconds (10 seconds max.) * Soak time above 200 C is 5 seconds
250
PEAK
200
5s (10s Max) 235 C(260 C Max)
Temperature [ C]
150
O
PREHEAT
100
20s (60s Max) 85 C(120 C max)
50
0
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
T im e [s ]
2) Hand Soldering conditions * Not more than 5 seconds at max. 300C, under Soldering iron.
Note : In case the soldered products are reused in soldering process, we don't guarantee the products.
10
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL : 82-2-3281-6269 FAX : 82-2-857-5430
10. PART NUMBERING SYSTEM
1
2
3
4
5
6
7
8
A
B
C
L* * * * * * * - * * *
1) Lamp LED initial 2) Color U: Ultra Violet, Y : Yellow (580~600) W : White 3) If the products have 2 or 3chips GR : Green + Red ( according to wavelength), 4) Outline type 1 : 3x2(square), 6 : 3Phi Oval, 5) Half angle 1: ~14O, 2: 15~24O , 3: 25~34O, 4: 35~44O, 5 : 45~54O... 0 : more than 100O 6) 1st Development according to a chip 7) 2nd Development (other material) D : diffused C : colored Z : zener chip attached 8) Stand off type A, B, C : Bin cord description A: IV, B: WD C: VF 2 : 5x2(square), 7 : 5Phi Oval 3 : Phi3, 5 : Phi 5 , FL : Full color B : Blue (460~490), O : Orange (600~620) M : Warm C : Cyan (490~510), R : Red (620~700) I : Infrared T : True Green (510~540), G : Yellow-Green (540~580)
11
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL : 82-2-3281-6269 FAX : 82-2-857-5430
11. PRECAUTION FOR USE 1) 2) 3) 4) 5) 6) 7) 8) 9) 10) In order to avoid the absorption of moisture, it is recommended to store in the dry box (or desiccators) with a desiccant . In case of more than 1 week passed after opening or change color of indicator on desiccant components shall be dried 10-12Hr, at 605. In case of supposed the components is humid, shall be dried dip-solder just before, 12Hr at 805 or 10Hr at 1005. Any mechanical force or any excess vibration shall not be accepted to apply during cooling process to normal temp. after soldering. Quick cooling shall not be avoid. Components shall not be mounted on warped direction of PCB. Anti radioactive ray design is not considered for the products listed here in. This device should not be used in any type of fluid such as water, oil, organic solvent and etc. When washing is required, IPA should be used. When the LEDs are illuminating, operating current should be decided after considering the ambient maximum temperature. LEDs must be stored to maintain a clean atmosphere. If the LEDs are stored for 3 months or more after being shipped from SSC, a sealed container with a nitrogen atmosphere should be used for storage. The LEDs must be soldered within seven days after opening the moisture-proof packing. Repack unused products with anti-moisture packing, fold to close any opening and then store in a dry place. The appearance and specifications of the product may be modified for improvement without notice.
11) 12) 13)
12
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL : 82-2-3281-6269 FAX : 82-2-857-5430


▲Up To Search▲   

 
Price & Availability of LY791

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X